Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LX6431CDM Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce LX6431CDM
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6431CDM Fiches technique(HTML) 2 Page - Microsemi Corporation

  LX6431CDM Datasheet HTML 1Page - Microsemi Corporation LX6431CDM Datasheet HTML 2Page - Microsemi Corporation LX6431CDM Datasheet HTML 3Page - Microsemi Corporation LX6431CDM Datasheet HTML 4Page - Microsemi Corporation LX6431CDM Datasheet HTML 5Page - Microsemi Corporation LX6431CDM Datasheet HTML 6Page - Microsemi Corporation LX6431CDM Datasheet HTML 7Page - Microsemi Corporation LX6431CDM Datasheet HTML 8Page - Microsemi Corporation LX6431CDM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P RODU C T ION D AT A S HEET
T HE
I NFI N ITE
P O W ER
OF
I N NOVATIO N
L IN F IN IT Y M IC ROEL E C TRON IC S I NC .
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
2
Copyright
© 1999
Rev. 1.4a,2005-04-04
LX6431 / 6431A / 6431B
P RECI SION P RO GRAMM A B L E R EFE R ENCE S
ABSOLUTE MAXI MUM RATI NGS
Cathode to Anode Voltage (VKA).................................................................... -0.3V to 37V
Reference Input Current (IREF) .....................................................................-50µA to 10µA
Continuous Cathode Current (IK)........................................................... -100mA to 150mA
Operating Temperature Range ................................................................................... 150°C
Maximum Operating Junction Temperature
Plastic (DM & LP Packages) ..................................................................................... 150°C
Storage Temperature Range.........................................................................-65°C to 150°C
Package Peak Temp. for Solder Reflow (40 seconds maximum exposure) ... 260°C (+0 -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
Pin numbers refer to DIL packages only.
TH ERM A L DATA
DM Plastic SOIC 8-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
165
°C/W
LP
Plastic TO-92 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
156
°C/W
PK Plastic TO-89 3-Pin
THERMALRESISTANCE
-JUNCTION TO TAB,
θJT
35°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
71
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PI N OUT
CATHODE
N.C.
ANODE
N.C.
N.C.
ANODE
ANODE
REF
1
2
3
4
5
6
7
8
DM PACKAGE
(Top View)
1
CATHODE
2
3
ANODE
REF
LP PACKAGE
(Top View)
REF
ANODE
CATHODE
1
2
3
PK PACKAGE
(Top View)
N.C. – No Connection
RoHS / Pb-free 100% Matte Tin Lead Finish
SI MPLIFI ED BLOCK DI AGRAM
+
-
V
REF
REF(R)
Cathode (K)
Anode (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com