| Moteur de recherche de fiches techniques de composants électroniques |
|
LSP1012 Fiches technique(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LSP1012 Fiches technique(HTML) 3 Page - Microsemi Corporation |
|
3 / 3 page ![]() LSP1000 – LSP1012 Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 3 Copyright 2007 Rev: 2009-09-10 RoHS Compliant ENHANCED PERFORMANCE SURFACE MOUNT EPSM ® PIN Diodes TM ® MECHANICAL OPTIONS EPSM products are available in a broad range of mechanical configurations. The standard package style is the 450 series. This series has several sizes available to accommodate the internal chip configurations. The 450A is the most common configuration for single diode applications. The 454 series package style is a three terminal configuration designed to accommodate 2 chip for ‘T” and common anode/cathode designs. With uniform ‘flat-top’ construction, the 450 series of EPSM products are ideally suited for tape and reel / automated assembly. The 150 series of EPSM products have a ‘glob-top’ construction and are traditionally used in smaller volume applications. PACKAGE STYLE 150X PACKAGE STYE 450X PACKAGE STYLE 154 PACKAGE STYPE 454 |