Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR20045 Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce MBR20045
Description  180 Amp Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR20045 Fiches technique(HTML) 2 Page - Microsemi Corporation

  MBR20045 Datasheet HTML 1Page - Microsemi Corporation MBR20045 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Average Forward Current - Amperes
DC
120 180
90
60
175
150
Figure 5
125
100
75
Maximum Forward Power Dissipation
300
180
240
120
60
50
25
0
0
Reverse Voltage - Volts
150 C
125 C
75 C
50
40
30
20
25 C
10
0
Typical Reverse Characteristics
1.0
0.1
100
10
10000
1000
Figure 2
Average Forward Current - Amperes
150
Figure 4
135
120
105
Forward Current Derating
300
DC
180
180
240
120
90
60
60
90
75
60
0
45
120
Reverse Voltage - Volts
100,000
40,000
60,000
Figure 3
Typical Junction Capacitance
100
50
10
5.0
1.0
0.5
6000
20,000
10,000
4000
2000
1000
0.1
Instantaneous Forward Voltage - Volts
25 C
150 C
Typical Forward Characteristics
100
200
1000
800
600
400
2000
Figure 1
80
60
1.5
1.3
1.1
0.5
0.7
0.3
0.1
0.9
10
20
40
HS18035 - HS18045
January, 2011 - Rev. 5
www.microsemi.com



Html Pages

1 2