Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FST20045 Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce FST20045
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST20045 Fiches technique(HTML) 2 Page - Microsemi Corporation

  FST20045 Datasheet HTML 1Page - Microsemi Corporation FST20045 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25 C
Instantaneous Forward Voltage - Volts
1000
800
600
400
200
100
80
60
40
20
10
8.0
6.0
4.0
2.0
1.0
Figure 1
Figure 2
50
100
5.0
10
1.0
0.5
100,000
60,000
40,000
20,000
10,000
6000
4000
2000
1000
Figure 3
0.1
100
10
1.0
0.1
Reverse Voltage - Volts
10
20
30
40
Reverse Voltage - Volts
50
.01
175 C
75 C
25 C
Forward Current Derating - Per Leg
Figure 4
Average Forward Current - Amperes
175
165
155
145
0
30
180
120
60 90
DC
0
0
30
Average Forward Current - Amperes
Figure 5
Maximum Forward Power Dissipation - Per Leg
60
90
120
180
DC
FST20035 - FST20050
Typical Forward Characteristics - Per Leg
Typical Junction Capacitance - Per Leg
Typical Reverse Characteristics - Per Leg
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1000
125 C
0
105
115
125
135
60
90
120
150
60
90
120
150
105
90
75
60
45
30
15
175 C
January, 2010 - Rev. 4
www.microsemi.com



Html Pages

1 2