Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FST15515 Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce FST15515
Description  Schottky PowerMod ORing Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST15515 Fiches technique(HTML) 2 Page - Microsemi Corporation

  FST15515 Datasheet HTML 1Page - Microsemi Corporation FST15515 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25 C
Instantaneous Forward Voltage - Volts
1000
800
600
400
200
100
80
60
40
20
10
8.0
6.0
4.0
2.0
1.0
Figure 1
Figure 2
50
100
5.0
10
1.0
0.5
10000
6000
4000
2000
1000
Figure 3
0.1
100
10
1.0
0.1
Reverse Voltage - Volts
4
8
12
16
Reverse Voltage - Volts
20
150 C
25 C
Forward Current Derating
Figure 4
Average Forward Current - Amperes
150
140
130
120
0
15
30
180
120
90
DC
0
0
15
30
Average Forward Current - Amperes
Figure 5
Maximum Forward Power Dissipation
90
120
180
DC
FST15515
Typical Forward Characteristics
Typical Junction Capacitance
Typical Reverse Characteristics
0
.2
.4
.6
.8
1.0
1.2
1.4
1000
100 C
0
80
90
100
110
45
60
75
90 105 120 135 150
45
60
75
90 105 120 135 150
70
60
50
40
30
20
10
150 C
10,000
2
6
10
14
18
20000
100 C
75 C
125 C
January, 2010 - Rev. 2
www.microsemi.com



Html Pages

1 2