| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS16TW Fiches technique(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH |
|
|
|||||||||||||||||||||||||||||
BAS16TW Fiches technique(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH |
|
2 / 2 page ![]() Any changing of specification will not be informed individual MMBD4148TW/BAS16TW Surface Mount Switching Diode Array http://www.SeCoSGmbH.com Elektronische Bauelemente 01-J an-2006 Rev. B Page 2 of 2 0.1 1 0.01 0.001 0 1.5 1.0 0.5 V , INSTANTANEOUS FORWARD VOLTAGE (V) F Fig. 1 Forward Characteristics T = -40ºC A T = 150ºC A T = 75ºC A T = 25ºC A T = 0ºC A 0.1 1 10 100 1000 10000 0 20 40 60 80 100 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig. 2 Typical Reverse Characteristics T = -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A T = 150ºC A T= 0ºC A 0 50 100 150 200 250 25 050 75 100 125 150 T , AMBIENT TEMPERATURE ( °C) A Fig.4 Power DeratingCurve 300 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2.0 0 10 20 40 30 V , REVERSE VOLTAGE (V) R Fig.3 TpicalCapacitancevs.ReverseVoltage f= 1.0MHz Characteristic Curve |