Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPT60080 Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce CPT60080
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CPT60080 Fiches technique(HTML) 2 Page - Microsemi Corporation

  CPT60080 Datasheet HTML 1Page - Microsemi Corporation CPT60080 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CPT60080 - CPT600100
Reverse Voltage - Volts
40
.01
0.1
25 C
0
75 C
20
60
80
100
0.6
Instantaneous Forward Voltage - Volts
Typical Reverse Characteristics - Per Leg
1.0
10
125 C
100
1000
175 C
10
Figure 2
0
0.4
0.2
1.0
0.8
1.2
1.4
25 C
175 C
100
1000
Typical Forward Characteristics - Per Leg
10,000
Figure 1
Reverse Voltage - Volts
0.1
1000
10,000
0.5
1.0
5.0
10
50
Typical Junction Capacitance - Per Leg
100,000
Figure 3
100
150
Average Forward Current - Amperes
200
0
0
100
50
100
300
400
500
Maximum Forward Power Dissipation - Per Leg
120
200
Average Forward Current - Amperes
300
200
250
Figure 5
350
90
110
180
0
120
130
100
90
180
DC
300
120
180
DC
400
500
Forward Current Derating - Per Leg
150
140
160
170
Figure 4
January, 2010 - Rev. 5
www.microsemi.com



Html Pages

1 2