Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPT20050 Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce CPT20050
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CPT20050 Fiches technique(HTML) 2 Page - Microsemi Corporation

  CPT20050 Datasheet HTML 1Page - Microsemi Corporation CPT20050 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Average Forward Current - Amperes
150
120
90
60
30
0
175
165
155
145
135
125
115
105
Figure 2
Forward Current Derating - Per Leg
50
100
5.0
10
1.0
0.5
100,000
60,000
40,000
20,000
10,000
6000
4000
2000
1000
Typical Junction Capacitance - Per Leg
Figure 3
0.1
Reverse Voltage - Volts
Maximum Forward Power Dissipation - Per Leg
Figure 5
0
30
45
60
75
90
105
0
30
60
90
120
150
Average Forward Current - Amperes
15
Figure 1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.0
2.0
4.0
6.0
8.0
10
20
40
60
80
100
200
400
600
800
1000
Instantaneous Forward Voltage - Volts
.01
Figure 4
0.1
1.0
10
100
1000
175 C
25 C
90
120
180
90
120
180
CPT20035 - CPT20050
Typical Forward Characteristics - Per Leg
25 C
75 C
125 C
175 C
Reverse Voltage - Volts
Typical Reverse Characteristics - Per Leg
0
10
20
30
40
50
60
DC
60
DC
January, 2010 - Rev. 4
www.microsemi.com



Html Pages

1 2