Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP4672 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce BCP4672
Description  NPN Epitaxial Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP4672 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP4672 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP4672 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCP4672
2A, 60V
NPN Epitaxial Silicon Transistor
Elektronische Bauelemente
10-Dec-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
The BCP4672 is designed for low frequency amplifier applications.
MARKING
CLASSIFICATION OF hFE
Product Rank
BCP4672-A
BCP4672-B
Range
120~240
200~400
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-89
1K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Collector Current (DC)
IC
2
A
Collector Current (Pulse)
5
Total Power Dissipation
PD
2
W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
60
-
-
V
IC= 50A, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
50
-
-
V
IC= 1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
6
-
-
V
IE= 50A, IC=0
Collector cut-off current
ICBO
-
-
100
nA
VCB= 60V, IE=0
Emitter cut-off current
IEBO
-
-
100
nA
VEB= 5V, IC=0
Collector-emitter saturation voltage
VCE(sat)*
-
0.1
0.35
V
IC= -1A, IB= 50mA
DC current gain
hFE*
120
-
400
VCE= 2V, IC= 500mA
Transition frequency
fT
-
210
-
MHz
VCE= 2V, IC= 500mA, f=100MHz
Collector output capacitance
Cob
-
25
-
pF
VCB= 10V, IE=0, f=1MHz
*Measured under pulse condition. Pulse width≦380μs, Duty Cycle≦2%.
A
E
C
D
B
K
H
F
G
L
J
1 2 3
4
SOT-89
4 6 7 2

Date Code
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.2


Numéro de pièce similaire - BCP4672

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BCP4672 SECOS-BCP4672_15 Datasheet
217Kb / 2P
NPN Epitaxial Silicon Transistor
More results

Description similaire - BCP4672

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com