Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDLL938B Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce CDLL938B
Description  TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL938B Fiches technique(HTML) 1 Page - Microsemi Corporation

  CDLL938B Datasheet HTML 1Page - Microsemi Corporation CDLL938B Datasheet HTML 2Page - Microsemi Corporation CDLL938B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
ZENER
– TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
– LEADLESS PACKAGE FOR SURFACE MOUNT
– 9.0 VOLT NOMINAL ZENER VOLTAGE
– METALLURGICALLY BONDED, DOUBLE PLUG CONSTRUCTION
Qualified per MIL-PRF-19500/156
LDS-0158 Rev. 1 (100346)
Page 1 of 3
DEVICES
LEVELS
1N935BUR-1 thru 1N938BUR-1
JAN
CDLL935 thru CDLL938B
JANTX
JANTXV
JANS
MAXIMUM RATING AT 25°C
Operating Temperature:
-65°C to +175°C
Storage Temperature:
-65°C to +175°C
DC Power Dissipation:
500mW @ +50°C
Power Derating:
4mW / °C above +50°C
REVERSE LEAKAGE CURRENT
IR = 10μA @ 25°C & VR = 6Vdc
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
MIL-PRF-
19500/156
MSC
TYPE
NUMBER
ZENER
VOLTAGE
VZ @ IZT
ZENER
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDACE
(Note 1)
ZZT
VOLTAGE
TEMPERATURE
STABILITY
3V ZT MAXIMUM
(Note 2)
TEMPERATURE
RANGE
EFFECTIVE
TEMPERATURE
COEFFICIENT
VOLTS
mA
OHMS
mV
°C
% / °C
1N935BUR-1
CDLL935
CDLL935A
CDLL935B
8.55 – 9.45
8.55 – 9.45
8.55 – 9.45
7.5
7.5
7.5
20
20
20
67
139
184
0 to + 75
-55 to +100
-55 to +150
0.01
0.01
0.01
1N936BUR-1
CDLL936
CDLL936A
CDLL936B
8.55 – 9.45
8.55 – 9.45
8.55 – 9.45
7.5
7.5
7.5
20
20
20
34
70
92
0 to + 75
-55 to +100
-55 to +150
0.005
0.005
0.005
1N937BUR-1
CDLL937
CDLL937A
CDLL937B
8.55 – 9.45
8.55 – 9.45
8.55 – 9.45
7.5
7.5
7.5
20
20
20
13
28
37
0 to + 75
-55 to +100
-55 to +150
0.002
0.002
0.002
1N938BUR-1
CDLL938
CDLL938A
CDLL938B
8.55 – 9.45
8.55 – 9.45
8.55 – 9.45
7.5
7.5
7.5
20
20
20
6.7
13.9
19
0 to + 75
-55 to +100
-55 to +150
0.001
0.001
0.001
NOTE 1: Zener impedance is derived by superimposing on IZT A 60Hz rms a.c. current equal to 10% of IZT
NOTE 2: The maximum allowable change observed over the entire temperature range i.e., the diode voltage
will not exceed the specified mV at any discrete temperature between the established limits, per JEDEC
standard No. 5.
DO-213AA


Numéro de pièce similaire - CDLL938B

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
CDLL938B CDI-DIODE-CDLL938B Datasheet
51Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
CDLL938B MICROSEMI-CDLL938B Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Description similaire - CDLL938B

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
1N935BUR-1 CDI-DIODE-1N935BUR-1 Datasheet
51Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
JAN1N821-1 MICROSEMI-JAN1N821-1 Datasheet
364Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 MICROSEMI-1N941_03 Datasheet
127Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com