Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDLL935 Fiches technique(PDF) 3 Page - Microsemi Corporation

No de pièce CDLL935
Description  TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL935 Fiches technique(HTML) 3 Page - Microsemi Corporation

  CDLL935 Datasheet HTML 1Page - Microsemi Corporation CDLL935 Datasheet HTML 2Page - Microsemi Corporation CDLL935 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
LDS-0158 Rev. 1 (100346)
Page 3 of 3
PACKAGE DIMENSIONS
NOTE:
Dimensions
1. Dimensions are in inches.
Symbol
Inches
Millimeters
Notes
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. In accordance with ASME Y14.5M, diameters are equivalent to Φx
BD
.063
.067
1.60
1.70
symbology.
ECT
.016
.022
0.41
0.56
BL
.130
.146
3.30
3.70
S
.001 Min
0.03 Min
FIGURE 1. Physical dimensions 1N935BUR-1, 1N937BUR-1 through 1N940BUR-1 (DO-213AA).
DESIGN DATA
Case: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34)
Lead Finish: Tin / Lead
Polarity: Diode to be operated with the banded (cathode) end postive.
Mounting Position: Any.
Mounting Surface Selection: The Axial coefficient of Expansion (COE) of this device is approximately +6PPM/°C. The COE of
the Mounting Surface System should be selected to provide A suitable match with this device.



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com