Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE7239SL Fiches technique(PDF) 20 Page - Infineon Technologies AG

No de pièce TLE7239SL
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7239SL Fiches technique(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7239SL Datasheet HTML 16Page - Infineon Technologies AG TLE7239SL Datasheet HTML 17Page - Infineon Technologies AG TLE7239SL Datasheet HTML 18Page - Infineon Technologies AG TLE7239SL Datasheet HTML 19Page - Infineon Technologies AG TLE7239SL Datasheet HTML 20Page - Infineon Technologies AG TLE7239SL Datasheet HTML 21Page - Infineon Technologies AG TLE7239SL Datasheet HTML 22Page - Infineon Technologies AG TLE7239SL Datasheet HTML 23Page - Infineon Technologies AG TLE7239SL Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Data Sheet
20
Rev. 1.0, 2010-02-18
SPI Driver for Enhanced Relay Control
TLE7239SL
Power Stages
6.6
Command Description
Input Configuration Registers
ICR01
000B
3210
INX1
INX0
rw
rw
ICR23
001B
3210
INX3
INX2
rw
rw
ICR45
010B
3210
INX5
INX4
rw
rw
ICR67
011B
3210
INX7
INX6
rw
rw
Field
Bits
Type
Description
INXn
n = 7 to 0
[3:2], [1:0]
rw
Input Multiplexer Configuration Channel n
00
Channel n is switched off
01
Channel n is switched by input 1
10
Channel n is switched by input 2
11
Channel n is switched on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37