Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE5206-2 Fiches technique(PDF) 21 Page - Infineon Technologies AG

No de pièce TLE5206-2
Description  5-A H-Bridge for DC-Motor Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5206-2 Fiches technique(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5206-2 Datasheet HTML 16Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 17Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 18Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 19Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 20Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 21Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 22Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 23Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TLE 5206-2
Package Outlines
Data Sheet
21
Rev.1.1, 2007-07-31
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
A
8˚ max.
B
A
0.25 M
0.1
Typical
±0.2
10
8.5 1)
0...0.15
7x0.6±0.1
±0.1
1.27
4.4
B
0.5 ±0.1
0.05
1)
0.1
Metal surface min. X=7.25, Y=6.9
2.4
1.27
All metal surfaces tin plated, except area of cut.
0...0.3
B
6x
PG-TO263-7-1
(Plastic Transistor Single Outline Package)
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24