Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 256 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 256 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 252Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 253Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 254Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 255Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 256Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 257Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 258Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 259Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 260Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 296 page
background image
ADAU1373
Rev. 0 | Page 256 of 296
PBALPCTRL1 REGISTER
Address: 0xE0, Reset: 0x00, Name: PBALPCTRL1
DAC1 Playback Power Control Register
Table 228. Bit Descriptions for PBALPCTRL1
Bits
Bit Name
Settings
Description
Reset
Access
7
PBALPANA
Playback Module A Low Power Control Mode. Playback Module A low
power control mode.
0x0
RW
0
Only digital
1
DAC and digital
[6:3]
PBALPWL
Playback Module A Monitor Word Length Select. Playback Module A
monitor word length select.
0x0
RW
0000
18 bit (default)
0001
17 bit
0010
16 bit
0011
15 bit
0100
14 bit
0101
13 bit
0110
12 bit
0111
11 bit
1000
10 bit
1001
9 bit
1010
8 bit
1011
7 bit
1100
6 bit
1101
5 bit
1110
4 bit
1111
3 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More