Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1373BCBZ-R7 Fiches technique(PDF) 255 Page - Analog Devices

No de pièce ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Fiches technique(HTML) 255 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 251Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 252Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 253Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 254Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 255Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 256Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 257Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 258Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 259Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 296 page
background image
ADAU1373
Rev. 0 | Page 255 of 296
FDSP_SEL4 REGISTER
Address: 0xDF, Reset: 0x00, Name: FDSP_SEL4
DSP Datapath Selection Control Register
Table 227. Bit Descriptions for FDSP_SEL4
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
RW
[6:4]
BASS_EN_SEL
Bass Enhancement Datapath Selection.
0x0
RW
000
None
001
Datapath 1
010
Datapath 2
011
Datapath 3
100
Datapath 4
101
Datapath 5
3
ALC_4CHEN
ALC 4 Channel Input Enable. ALC 4 channel input enable/disable control.
0x0
RW
0
Disable
1
Enable
[2:0]
ALC_SEL
ALC Datapath Selection.
0x0
RW
000
None
001
Datapath 1
010
Datapath 2
011
Datapath 3
100
Datapath 4
101
Datapath 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More