| Moteur de recherche de fiches techniques de composants électroniques |
|
2115D24 Fiches technique(PDF) 3 Page - Make-Ps |
|
|
|||||||||||||||||||||||||||||
2115D24 Fiches technique(HTML) 3 Page - Make-Ps |
|
3 / 6 page ![]() M MO OD DE ELL S SEELLEECCTTIIO ON N C CH HA AR RT T Model Nominal Input Voltage (VDC) Output Voltage (VDC) Full Load Output Current (mA) No Load Input Current (mA) Full Load Input Current (mA) Output Over Voltage (VDC) Fuse (A) Efficiency (%) 2105S12 2112S12 2115S12 2105D12 2112D12 2115D12 2105S24 2112S24 2115S24 2105D24 2112D24 2115D24 2105S48 2112S48 2115S48 2105D48 2112D48 2115D48 2105/12T12 2105/15T12 2105/12T24 2105/15T24 2105/12T48 2105/15T48 12 12 12 12 12 12 24 24 24 24 24 24 48 48 48 48 48 48 12 12 24 24 48 48 5 12 15 ±5 ±12 ±15 5 12 15 ±5 ±12 ±15 5 12 15 ±5 ±12 ±15 5, ±12 5, ±15 5, ±12 5, ±15 5, ±12 5, ±15 4000 1660 1330 ±2000 ±830 ±665 4000 1660 1330 ±2000 ±830 ±665 4000 1660 1330 ±2000 ±830 ±665 2000, ±416 2000, ±333 2000, ±416 2000, ±333 2000, ±416 2000, ±333 45 45 45 45 45 45 35 35 35 35 35 35 32 32 32 32 32 32 60 60 60 60 30 30 2100 2100 2057 2000 2000 1500 1000 990 990 1016 1000 1000 490 500 500 502 482 478 2081 2082 1015 1016 502 502 6.8 15.0 18.0 ±6.8 ±15.0 ±18.0 6.8 15.0 18.0 ±6.8 ±15.0 ±18.0 6.8 15.0 18.0 ±6.8 ±15.0 ±18.0 6.8, ±15.0 6.8, ±18.0 6.8, ±15.0 6.8, ±18.0 6.8, ±15.0 6.8, ±18.0 4.0 4.0 4.0 4.0 4.0 4.0 2.0 2.0 2.0 2.0 2.0 2.0 1.5 1.5 1.5 1.5 1.5 1.5 4.0 4.0 2.0 2.0 1.5 1.5 80 80 80 81 83 83 83 84 84 82 83 83 85 83 83 83 86 87 80 80 82 82 83 83 >> B-168 H HO OW W T TO O O ORRD DE ER R 21 XX D XX - A1X - Y Output Voltage H HO OW W T TO O O ORRD DE ER R Series RoHS Compliant Options: -A1 = Optional Pin Config. -X = Ext. Temp. Range Nominal Input Voltage Output Configuration (S=Single, D=Dual) S SIIN NG GLLE E A AN ND D D DU UA ALL O OU UT TP PU UT T 21 XX /15 T XX - A1X - Y Output Voltage Series RoHS Compliant Options: -A1 = Optional Pin Config. -X = Ext. Temp. Range Nominal Input Voltage Output Configuration (T=Triple) T TRRIIPPLLEE O OU UT TP PU UT T Aux Output Voltage www.make-ps.com E-mail:info@make-ps.com |