| Moteur de recherche de fiches techniques de composants électroniques |
|
TP89JCS2HATR Fiches technique(PDF) 3 Page - GREATECS |
|
|
|||||||||||||||||||||||||||||
TP89JCS2HATR Fiches technique(HTML) 3 Page - GREATECS |
|
3 / 3 page ![]() Tactile Switches 5x5mm SMT Halogen-Free Tactile Switches TP89 Series sales@greatecs.com www.greatecs.com 3 Temperature Profile: Temperature Room 150° MAX 260° 60sec 120~150sec TIME(sec) 255° 230° 5~10sec General Tolerance ±0.1mm SOLDERING PROCESS > Hand Soldering: Use a soldering iron of 30 watts, controlled at 350°C approximately Max 5 seconds while applying solder. > Vapor phase & reflow soldering: Tape & Reel Packaging: Gull Wing Terminals: J Bend Terminals: TP89SG...3... TP89SG...2... General Tolerance ±0.1mm TP89JG...3... TP89JG...2... |