Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PB2MSB10T1UTEVC4B Fiches technique(PDF) 2 Page - GREATECS

No de pièce PB2MSB10T1UTEVC4B
Description  Sealed Snap-Acting Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GREATECS [GREATECS]
Site Internet  http://www.greatecs.com
Logo GREATECS - GREATECS

PB2MSB10T1UTEVC4B Fiches technique(HTML) 2 Page - GREATECS

  PB2MSB10T1UTEVC4B Datasheet HTML 1Page - GREATECS PB2MSB10T1UTEVC4B Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pushbutton Switches
Sealed Snap-Acting Pushbutton Switches
PB2 Series
sales@greatecs.com
www.greatecs.com
C
PB2MDB40T7_ _ _ _ _
PB2MSB40VS2_ _ _ _ _
PB2MDB40VS2_ _ _ _ _
SWITCH FUNCTION
BUSHING OPTIONS
B10 Standard for T1
TERMINAL OPTIONS
T1 Solder Lug
T2 PC Thru Hole
SNAP-IN TERMINAL OPTIONS
T6N
V2N
CAPS (Colors: white, black, green, red)
C1
C2
C3
C4
T7N
PB2MS
PB2MD
B20 Standard for T1
B40 Standard for
T2, T6, T7, VS



Html Pages

1 2