| Moteur de recherche de fiches techniques de composants électroniques |
|
ISC15ANP4 Fiches technique(PDF) 3 Page - GREATECS |
|
|
|||||||||||||||||||||||||||||
ISC15ANP4 Fiches technique(HTML) 3 Page - GREATECS |
|
3 / 7 page ![]() LCD Switches Programmable OLED Video Switch and Display IS Series sales@greatecs.com www.greatecs.com 3 SMARTSWITCH BLOCK DIAGRAM & PIN CONFIGURATIONS Terminal numbers are not on the switch. Driving Block SEG/COM Segment Driver SR1,SG1,SB1......SR64, SG64,SB64 Color OLED Panel 64RGB x 48 SW Gray Scale Common Driver COM1....COM48 Display Timing Oscillator Generator Decoder Command Decoder Graphic Display Data RAM 96 x 64 x 16 Bit MCU Interface OLED Driver with Controller SW 1 CC V 9 DD V 3 RES 5 SCK 7 4 SS 8 SDI 6 D/C GND 10 2 ISC15ANP4 Pin No. Symbol Name Function SW Terminal of Switch Normally open SW Terminal of Switch Normally open VDD Power Power source for logic circuit SS Slave Select Slave select for SPI. This line is active low. RES Reset Reset signal input. When pin is low, initialization of chip is executed D/C Data/Command Data/Command Control. When pin is pulled low, data will be interpreted as Command; when pulled high, data will be interpreted as Data. SCK Serial Clock Clock line for SPI that synchronizes command and data SDI Serial Data In Data input line for SPI VCC Power Power source for drive OLED GND Ground Connect to ground 6 5 4 3 2 1 9 8 7 10 (15.5) .610 (23.13) .911 (11.6) .457 (20.59) .811 (0.74) .029 (9.57) .377 (13.41) .528 See Pixel Detail (23.0) .906 (3.4) .134 (3.3) .130 (0.6) .024 (0.4) .016 Typ Typ See Standoff Detail (7.62) .300 (16.0) .630 (18.0) .709 (8.0) .315 (7.05) .278 (2.0) .079 (1.0) .039 (7.0) .276 Typ (0.3) .012 Typ (0.2) .008 Typ 1 2 3 4 9 10 Stando 1 Stando 2 Stando 2 Stando 1 (0.2) .008 A (1.25) .049 (2.0) Dia .079 (7.62) .300 (16.0) .630 (18.0) .709 (8.0) .315 (7.05) .278 (2.0) .079 (1.0) .039 (7.0) .276 Typ 8x (0.75) .029 2x (0.9) .035 Dia Dia 1 2 3 4 9 10 4x (1.3) Dia .051 Landless Pixel Detail Pixel Detail A Stando Detail Dimension A Stando 1 = (2.7) .106 Stando 2 = (2.3) .091 Footprint (0.02) .0008 Typ (0.20) Typ .0079 (0.21)Typ .0083 See Pixel Detail A (0.02) Typ .0008 R R G B R (0.17) .0067 (0.20) .0079 (0.04) Typ .0016 (0.07) Typ .0028 (0.21) .0083 SMARTSWITCH TYPICAL DIMENSIONS |