| Moteur de recherche de fiches techniques de composants électroniques |
|
IS01 Fiches technique(PDF) 2 Page - GREATECS |
|
|
|||||||||||||||||||||||||||||
IS01 Fiches technique(HTML) 2 Page - GREATECS |
|
2 / 2 page ![]() LCD Switches LC-Display IS01 Series sales@greatecs.com www.greatecs.com TYPICAL DISPLAY DIMENSIONS WITH SINGLE OR BICOLOR LEDS (14.4) .567 (17.8) .701 (17.2) .677 (10.7) .421 (10.6) .417 See Pixel Detail (13.9) .547 Part No. (8.37) .3295 (12.57) .495 (14.7) .579 (15.0) .591 (10.0) .394 (0.65) Typ .026 (2.0) .079 1 2 12 11 (2.0) Typ .079 (10.0) .394 Key Terminal numbers are not on the device. (0.32) Sq .013 (0.03) Typ .001 Pixel Detail Footprint (14.7) .579 (2.0) Typ .079 (10.0) .394 11 2 12 1 (2.0) .079 CL (16.8) .661 16x (0.9) Dia .035 (15.0) .591 (10.0) .394 3x (0.9) Dia .035 Landless (8.6) .339 (9.9) .390 (3.0) .118 (16.8) .661 (0.4) Typ .016 (16.8) .661 (0.5) Sq Typ .020 (2.0) Typ .079 (0.8) Dia .031 (0.7) Typ .028 TYPICAL DISPLAY DIMENSIONS WITH RGB LED (14.4) .567 (17.8) .701 (17.2) .677 (10.7) .421 (10.6) .417 See Pixel Detail (13.9) .547 Part No. (8.37) .3295 (12.57) .495 (8.6) .339 (9.9) .390 (3.0) .118 (16.8) .661 (0.4) Typ .016 (16.8) .661 (0.5) Sq Typ .020 (2.0) Typ .079 (0.8) Dia .031 (0.7) Typ .028 (14.7) .579 (15.0) .591 (10.0) .394 (0.65) Typ .026 (2.0) .079 1 2 12 11 (2.0) Typ .079 (10.0) .394 Key Terminal numbers are not on the device. (0.32) Sq .013 (0.03) Typ .001 Pixel Detail Footprint (14.7) .579 (2.0) Typ .079 (10.0) .394 11 2 12 1 (2.0) .079 CL (16.8) .661 3x (0.9) Dia .035 Landless (15.0) .591 (10.0) .394 16x (0.9) Dia .035 |