Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8531 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce PCF8531
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Fiches technique(HTML) 5 Page - NXP Semiconductors

  PCF8531 Datasheet HTML 1Page - NXP Semiconductors PCF8531 Datasheet HTML 2Page - NXP Semiconductors PCF8531 Datasheet HTML 3Page - NXP Semiconductors PCF8531 Datasheet HTML 4Page - NXP Semiconductors PCF8531 Datasheet HTML 5Page - NXP Semiconductors PCF8531 Datasheet HTML 6Page - NXP Semiconductors PCF8531 Datasheet HTML 7Page - NXP Semiconductors PCF8531 Datasheet HTML 8Page - NXP Semiconductors PCF8531 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
5 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
Table 2.
Pad allocation table
Pad
Symbol
Pad
Symbol
15
OSC
55
ENR
16
VLCDSENSE
56
T4
17 to 23
VLCDOUT
57 to 63
VSS2
24 to 30
VLCDIN
64 to 70
VSS1
31
RES
71
T3
32 to 34
VDD3
72
T1
35 to 42
VDD2
73 to 74
SCL
43 to 49
VDD1
78
T2
50 to 51
SDA
87 to 103
R0, R2, R4, R6, R8,
R10, R12, R14, R16,
R18, R20, R22, R24,
R26, R28, R30, R32
52
SDACK
104 to 231
C0 to C127
54
SA0
232 to 248
R33, R31, R29, R27,
R25, R23, R21, R19,
R17, R15, R13, R11,
R9, R7, R5, R3, R1
Fig 3.
Alignment markers
Table 3.
Alignment markers for PCF8531
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 2).
Alignment marks
x (
μm)
y (
μm)
C1
−5402.0
823.1
C2
5292.4
950.0
F
5890.3
401.9
circle 1
−5543.0
798.4
circle 2
5637.4
798.4
mgs490
x center
C
100
μm
x center
circle
100
μm
100
μm
100
μm
x center
F
y
center
y
center
y
center
80
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51