| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2109 Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2109 Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 46 page ![]() LPC2109_2119_2129 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 7 — 14 June 2011 3 of 46 NXP Semiconductors LPC2109/2119/2129 Single-chip 16/32-bit microcontrollers 3.1 Ordering options Table 2. Ordering options Type number Flash memory RAM CAN Fast GPIO/ SSP/ Enhanced UART, ADC, Timer Temperature range LPC2109FBD64/01 64 kB 8 kB 1 channel yes 40 C to +85 C LPC2119FBD64/01 128 kB 16 kB 2 channels yes 40 C to +85 C LPC2129FBD64/01 256 kB 16 kB 2 channels yes 40 C to +85 C |