| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5646C Fiches technique(PDF) 16 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5646C Fiches technique(HTML) 16 Page - Freescale Semiconductor, Inc |
|
16 / 114 page ![]() MPC5646C Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 16 PA[15] PCR[15] AF0 AF1 AF2 AF3 — GPIO[15] CS0_0 SCK_0 E0UC[1] WKPU[10] SIUL DSPI_0 DSPI_0 eMIOS_0 WKPU I/O I/O I/O I/O I M/S Tristate 48 56 R2 PB[0] PCR[16] AF0 AF1 AF2 AF3 GPIO[16] CAN0TX E0UC[30] LIN0TX SIUL FlexCAN_0 eMIOS_0 LINFlexD_0 I/O O I/O I M/S Tristate 39 39 L3 PB[1] PCR[17] AF0 AF1 AF2 — — — GPIO[17] — E0UC[31] LIN0RX WKPU[4] CAN0RX SIUL — eMIOS_0 LINFlexD_0 WKPU FlexCAN_0 I/O — I/O I I I S Tristate 40 40 M2 PB[2] PCR[18] AF0 AF1 AF2 AF3 GPIO[18] LIN0TX SDA E0UC[30] SIUL LINFlexD_0 I2C eMIOS_0 I/O O I/O I/O M/S Tristate 176 208 A2 PB[3] PCR[19] AF0 AF1 AF2 AF3 — — GPIO[19] E0UC[31] SCL — WKPU[11] LIN0RX SIUL eMIOS_0 I2C — WKPU LINFlexD_0 I/O I/O I/O — I I S Tristate 1 1 D4 PB[4] PCR[20] AF0 AF1 AF2 AF3 — — GPI[20] — — — ADC0_P[0] ADC1_P[0] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 88 104 T16 PB[5] PCR[21] AF0 AF1 AF2 AF3 — — GPI[21] — — — ADC0_P[1] ADC1_P[1] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 91 107 N13 PB[6] PCR[22] AF0 AF1 AF2 AF3 — — GPI[22] — — — ADC0_P[2] ADC1_P[2] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 92 108 N14 Table 4. Functional port pin descriptions (continued) Port pin PCR Function Pin number |