| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX28CEC Fiches technique(PDF) 64 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX28CEC Fiches technique(HTML) 64 Page - Freescale Semiconductor, Inc |
|
64 / 70 page ![]() i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1 64 Freescale Semiconductor EMI_D04 P13 JTAG_TRST D14 SSP2_MOSI C3 EMI_D05 P17 LCD_CS P5 SSP2_SCK A3 EMI_D06 L14 LCD_D00 K2 SSP2_SS0 C4 EMI_D07 M17 LCD_D01 K3 SSP2_SS1 D3 EMI_D08 G16 LCD_D02 L2 SSP2_SS2 D4 EMI_D09 H15 LCD_D03 L3 SSP3_MISO B2 EMI_D10 G14 LCD_D04 M2 SSP3_MOSI C2 EMI_D11 J14 LCD_D05 M3 SSP3_SCK A2 EMI_D12 H13 LCD_D06 N2 SSP3_SS0 D2 EMI_D13 H17 LCD_D07 P1 TESTMODE C10 EMI_D14 F13 LCD_D08 P2 USB0DM A10 EMI_D15 F17 LCD_D09 P3 USB0DP B10 EMI_DDR_OPE N K14 LCD_D10 R1 USB1DM B8 EMI_DDR_OPE N_FB L15 LCD_D11 R2 USB1DP A8 EMI_DQM0 M15 LCD_D12 T1 VDD1P5 D16 EMI_DQM1 F15 LCD_D13 T2 VDD4P2 A13 EMI_DQS0 K17 LCD_D14 U2 VDD5V E17 EMI_DQS0N K16 LCD_D15 U3 XTALI A12 EMI_DQS1 J17 LCD_D16 T3 XTALO B12 Table 66. MAPBGA Contact Assignments (continued) Signal Name Contact Assignment Signal Name Contact Assignment Signal Name Contact Assignment |