Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F1516 Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce PIC12F1516
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1516 Fiches technique(HTML) 13 Page - Microchip Technology

Back Button PIC12F1516 Datasheet HTML 9Page - Microchip Technology PIC12F1516 Datasheet HTML 10Page - Microchip Technology PIC12F1516 Datasheet HTML 11Page - Microchip Technology PIC12F1516 Datasheet HTML 12Page - Microchip Technology PIC12F1516 Datasheet HTML 13Page - Microchip Technology PIC12F1516 Datasheet HTML 14Page - Microchip Technology PIC12F1516 Datasheet HTML 15Page - Microchip Technology PIC12F1516 Datasheet HTML 16Page - Microchip Technology PIC12F1516 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 344 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41452B-page 13
PIC16(L)F1516/7/8/9
1.0
DEVICE OVERVIEW
The PIC16(L)F151X are described within this data sheet.
They are available in 8-pin packages. Figure 1-1 shows a
block diagram of the PIC16(L)F151X devices. Table 1-2
shows the pinout descriptions.
Reference Table 1-1 for peripherals available per
device.
TABLE 1-1:
DEVICE PERIPHERAL
SUMMARY
Peripheral
Analog-to-Digital Converter (ADC)
●●●●
Fixed Voltage Reference (FVR)
●●●●
Temperature Indicator
●●●●
Capture/Compare/PWM Modules
CCP1 ●●●●
CCP2 ●●●●
EUSARTs
EUSART ●●●●
Master Synchronous Serial Ports
MSSP ●●●●
Timers
Timer0 ●●●●
Timer1 ●●●●
Timer2 ●●●●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More