| Moteur de recherche de fiches techniques de composants électroniques |
|
16F1827 Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1827 Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 406 page ![]() 2011 Microchip Technology Inc. DS41391D-page 9 PIC16(L)F1826/27 1.0 DEVICE OVERVIEW The PIC16(L)F1826/27 are described within this data sheet. They are available in 18/20/28-pin packages. Figure 1-1 shows a block diagram of the PIC16(L)F1826/27 devices. Table 1-2 shows the pinout descriptions. Reference Table 1-1 for peripherals available per device. TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral ADC ●● Capacitive Sensing Module ●● Digital-to-Analog Converter (DAC) ●● Digital Signal Modulator (DSM) ●● EUSART ●● Fixed Voltage Reference (FVR) ●● Reference Clock Module ●● SR Latch ●● Capture/Compare/PWM Modules ECCP1 ●● ECCP2 ● CCP3 ● CCP4 ● Comparators C1 ●● C2 ●● Master Synchronous Serial Ports MSSP1 ●● MSSP2 ● Timers Timer0 ●● Timer1 ●● Timer2 ●● Timer4 ● Timer6 ● |