Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS365 Fiches technique(PDF) 37 Page - Microchip Technology

No de pièce HCS365
Description  KEELOQ짰 Code Hopping Encoder Crypt keys are read protected
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS365 Fiches technique(HTML) 37 Page - Microchip Technology

Back Button HCS365 Datasheet HTML 32Page - Microchip Technology HCS365 Datasheet HTML 33Page - Microchip Technology HCS365 Datasheet HTML 34Page - Microchip Technology HCS365 Datasheet HTML 35Page - Microchip Technology HCS365 Datasheet HTML 36Page - Microchip Technology HCS365 Datasheet HTML 37Page - Microchip Technology HCS365 Datasheet HTML 38Page - Microchip Technology HCS365 Datasheet HTML 39Page - Microchip Technology HCS365 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
© 2011 Microchip Technology Inc.
DS41109E-page 37
HCS365
HCS365 PRODUCT IDENTIFICATION SYSTEM
.
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
* JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of
each oscillator type.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
HCS365: Code Hopping Encoder
HCS365T: Code Hopping Encoder (Tape and Reel - SM
only)
Temperature Range
-
=
0×C to +70×C
I
=
-40×C to +85×C
Package
P
=
Plastice DIP (300 mil body), 8-lead
SM
=
Plastic SOIC (208 mil body), 8-lead
Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40