Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS365 Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce HCS365
Description  KEELOQ짰 Code Hopping Encoder Crypt keys are read protected
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS365 Fiches technique(HTML) 29 Page - Microchip Technology

Back Button HCS365_11 Datasheet HTML 25Page - Microchip Technology HCS365_11 Datasheet HTML 26Page - Microchip Technology HCS365_11 Datasheet HTML 27Page - Microchip Technology HCS365_11 Datasheet HTML 28Page - Microchip Technology HCS365_11 Datasheet HTML 29Page - Microchip Technology HCS365_11 Datasheet HTML 30Page - Microchip Technology HCS365_11 Datasheet HTML 31Page - Microchip Technology HCS365_11 Datasheet HTML 32Page - Microchip Technology HCS365_11 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
© 2011 Microchip Technology Inc.
DS41109E-page 29
HCS365
10.0 PACKAGING INFORMATION
Legend: MM...M Microchip part number information
XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code and traceability code. For
marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For
SQTP devices, any special marking adders are included in SQTP price.
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP
Example
HCS365
XXX/NNN
9925
8-Lead SOIC
XXXXXXXX
Example
YYWWNNN
XXXXXXXX
HCS365
9925NNN
XXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40