Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS362 Fiches technique(PDF) 34 Page - Microchip Technology

No de pièce HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Fiches technique(HTML) 34 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 30Page - Microchip Technology HCS362 Datasheet HTML 31Page - Microchip Technology HCS362 Datasheet HTML 32Page - Microchip Technology HCS362 Datasheet HTML 33Page - Microchip Technology HCS362 Datasheet HTML 34Page - Microchip Technology HCS362 Datasheet HTML 35Page - Microchip Technology HCS362 Datasheet HTML 36Page - Microchip Technology HCS362 Datasheet HTML 37Page - Microchip Technology HCS362 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
HCS362
DS40189E-page 34
© 2011 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP
Example:
8-Lead TSSOP
Example:
8-Lead SOIC
Example:
XXXXXXXX
XXXXYYWW
NNN
XXXX
XYWW
NNN
HCS362
XXXXXNNN
0025
HCS362
XXXX0025
NNN
362
0025
NNN
Legend: XX...X Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PIC MCU device marking consists of Microchip part number, year code, week code, and
traceability code. For PIC MCU device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For SQTP devices, any special marking adders are included in SQTP
price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46