Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS361 Fiches technique(PDF) 32 Page - Microchip Technology

No de pièce HCS361
Description  KEELOQ짰 Code Hopping Encoder incorporates high security,
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Fiches technique(HTML) 32 Page - Microchip Technology

Back Button HCS361_11 Datasheet HTML 28Page - Microchip Technology HCS361_11 Datasheet HTML 29Page - Microchip Technology HCS361_11 Datasheet HTML 30Page - Microchip Technology HCS361_11 Datasheet HTML 31Page - Microchip Technology HCS361_11 Datasheet HTML 32Page - Microchip Technology HCS361_11 Datasheet HTML 33Page - Microchip Technology HCS361_11 Datasheet HTML 34Page - Microchip Technology HCS361_11 Datasheet HTML 35Page - Microchip Technology HCS361_11 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
HCS361
DS40146F-page 32
© 2011 Microchip Technology Inc.
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
8-Lead PDIP
Example
8-Lead SOIC
Example
XXXXXXXX
XXXXXNNN
YYWW
HCS361
XXXXXNNN
0025
XXXXXXX
XXXYYWW
NNN
HCS361
XXX0025
NNN
Legend: XX...X Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PIC MCU device marking consists of Microchip part number, year code, week code, and
traceability code. For PIC MCU device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42