Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS200 Fiches technique(PDF) 24 Page - Microchip Technology

No de pièce HCS200
Description  KEELOQ짰 Code Hopping Encoder 32-bit hopping code
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200 Fiches technique(HTML) 24 Page - Microchip Technology

Back Button HCS200 Datasheet HTML 20Page - Microchip Technology HCS200 Datasheet HTML 21Page - Microchip Technology HCS200 Datasheet HTML 22Page - Microchip Technology HCS200 Datasheet HTML 23Page - Microchip Technology HCS200 Datasheet HTML 24Page - Microchip Technology HCS200 Datasheet HTML 25Page - Microchip Technology HCS200 Datasheet HTML 26Page - Microchip Technology HCS200 Datasheet HTML 27Page - Microchip Technology HCS200 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
HCS200
DS40138D-page 24
© 2011 Microchip Technology Inc.
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
8-Lead PDIP
Example
8-Lead SOIC
Example
XXXXXXXX
XXXXXNNN
YYWW
HCS200
XXXXXNNN
0025
XXXXXXX
XXXYYWW
NNN
HCS200
XXX0025
NNN
Legend: XX...X Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PIC® MCU device marking consists of Microchip part number, year code, week code, and
traceability code. For PIC MCU device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34