| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F97J60 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F97J60 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 492 page ![]() 2011 Microchip Technology Inc. DS39762F-page 21 PIC18F97J60 FAMILY PORTD is a bidirectional I/O port. RD0/P1B RD0 P1B 60 I/O O ST — Digital I/O. ECCP1 PWM Output B. RD1/ECCP3/P3A RD1 ECCP3 P3A 59 I/O I/O O ST ST — Digital I/O. Capture 3 input/Compare 3 output/PWM3 output. ECCP3 PWM Output A. RD2/CCP4/P3D RD2 CCP4 P3D 58 I/O I/O O ST ST — Digital I/O. Capture 4 input/Compare 4 output/PWM4 output. CCP4 PWM Output D. TABLE 1-4: PIC18F66J60/66J65/67J60 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open-Drain (no P diode to VDD) |