Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS301 Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce HCS301
Description  Microchip Technology Inc. is a code hopping encoder designed for secure
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301 Fiches technique(HTML) 27 Page - Microchip Technology

Back Button HCS301 Datasheet HTML 23Page - Microchip Technology HCS301 Datasheet HTML 24Page - Microchip Technology HCS301 Datasheet HTML 25Page - Microchip Technology HCS301 Datasheet HTML 26Page - Microchip Technology HCS301 Datasheet HTML 27Page - Microchip Technology HCS301 Datasheet HTML 28Page - Microchip Technology HCS301 Datasheet HTML 29Page - Microchip Technology HCS301 Datasheet HTML 30Page - Microchip Technology HCS301 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
© 2011 Microchip Technology Inc.
DS21143C-page 27
HCS301
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
8-Lead PDIP
Example
8-Lead SOIC
Example
XXXXXXXX
XXXXXNNN
YYWW
HCS301
XXXXXNNN
0025
XXXXXXX
XXXYYWW
NNN
HCS301
XXX0025
NNN
Legend: XX...X Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PIC® MCU device marking consists of Microchip part number, year code, week code, and
traceability code. For PIC device marking beyond this, certain price adders apply. Please check with your
Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38