Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS301 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce HCS301
Description  Microchip Technology Inc. is a code hopping encoder designed for secure
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button HCS301_11 Datasheet HTML 13Page - Microchip Technology HCS301_11 Datasheet HTML 14Page - Microchip Technology HCS301_11 Datasheet HTML 15Page - Microchip Technology HCS301_11 Datasheet HTML 16Page - Microchip Technology HCS301_11 Datasheet HTML 17Page - Microchip Technology HCS301_11 Datasheet HTML 18Page - Microchip Technology HCS301_11 Datasheet HTML 19Page - Microchip Technology HCS301_11 Datasheet HTML 20Page - Microchip Technology HCS301_11 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
© 2011 Microchip Technology Inc.
DS21143C-page 17
HCS301
FIGURE 7-3:
SYNCHRONIZATION WINDOW
Blocked
Entire Window
rotates to eliminate
use of previously
used codes
Single Operation
Window
Window
(32K Codes)
(16 Codes)
Double Operation
(resynchronization)
Window
(32K Codes)
Stored
Synchronization
Counter Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38