Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS300 Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce HCS300
Description  Microchip Technology Inc. is a code hopping encoder designed
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Fiches technique(HTML) 16 Page - Microchip Technology

Back Button HCS300_11 Datasheet HTML 12Page - Microchip Technology HCS300_11 Datasheet HTML 13Page - Microchip Technology HCS300_11 Datasheet HTML 14Page - Microchip Technology HCS300_11 Datasheet HTML 15Page - Microchip Technology HCS300_11 Datasheet HTML 16Page - Microchip Technology HCS300_11 Datasheet HTML 17Page - Microchip Technology HCS300_11 Datasheet HTML 18Page - Microchip Technology HCS300_11 Datasheet HTML 19Page - Microchip Technology HCS300_11 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
HCS300
DS21137G-page 16
© 2011 Microchip Technology Inc.
FIGURE 7-3:
SYNCHRONIZATION WINDOW
Blocked
Entire Window
rotates to eliminate
use of previously
used codes
Single Operation
Window
Window
(32K Codes)
(16 Codes)
Double Operation
(resynchronization)
Window
(32K Codes)
Stored
Synchronization
Counter Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36