Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK6103 Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce STK6103
Description  DC 3-phase Brushless Motor Driver (Output Current 3A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK6103 Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  STK6103 Datasheet HTML 1Page - Sanyo Semicon Device STK6103 Datasheet HTML 2Page - Sanyo Semicon Device STK6103 Datasheet HTML 3Page - Sanyo Semicon Device STK6103 Datasheet HTML 4Page - Sanyo Semicon Device STK6103 Datasheet HTML 5Page - Sanyo Semicon Device STK6103 Datasheet HTML 6Page - Sanyo Semicon Device STK6103 Datasheet HTML 7Page - Sanyo Semicon Device STK6103 Datasheet HTML 8Page - Sanyo Semicon Device STK6103 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STK6103
No. 4290- 5/11
Motor revolution is stopped by setting START/STOP to L level to turn off all drive transistors, and cut the supply of
current to the motor. Motor inertia will prevent instantaneous stopping. The brake function works to shorten the amount
of time needed to come to a complete stop. In input level L the V
CC1 driver transistor is turned off, all GND driver
transistors are turned on, and the amount of power generated by the rotating motor windings reduced to reduce the rpms.
This brake function has priority over all START/STOP, CW/CCW and position detect input conditions.
Fig. 2 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11