| Moteur de recherche de fiches techniques de composants électroniques |
|
SDR75015 Fiches technique(PDF) 3 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
SDR75015 Fiches technique(HTML) 3 Page - Solid States Devices, Inc |
|
3 / 3 page ![]() NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: RC0148B DOC CASE OUTLINE: SMD1 CASE OUTLINE: TO-254 CASE OUTLINE: TO-254Z Optional Lead Bent Configuration Pin Assignment Down Bent (DB Suffix) Up Bent (UB Suffix) For information on curves, contact the Factory Representative for Engineering Assistance. Package Pin 1 Pin 2 Pin 3 SMD1 Anode Cathode Anode TO-254 Cathode Anode Anode TO-254Z Cathode Anode Anode Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SDR75010U thru SDR75020U |