| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F562TADDFM Fiches technique(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F562TADDFM Fiches technique(HTML) 35 Page - Renesas Technology Corp |
|
35 / 94 page ![]() R01DS0096EJ0100 Rev.1.00 Page 35 of 92 Apr 20, 2011 RX62T Group 4. I/O Registers 0008 7046h ICU Interrupt request register 070 IR070 8 8 2ICLK 0008 7047h ICU Interrupt request register 071 IR071 8 8 2ICLK 0008 7060h ICU Interrupt request register 096 IR096 8 8 2ICLK 0008 7062h ICU Interrupt request register 098 IR098 8 8 2ICLK 0008 7066h ICU Interrupt request register 102 IR102 8 8 2ICLK 0008 7067h ICU Interrupt request register 103 IR103 8 8 2ICLK 0008 706Ah ICU Interrupt request register 106 IR106 8 8 2ICLK 0008 7072h ICU Interrupt request register 114 IR114 8 8 2ICLK 0008 7073h ICU Interrupt request register 115 IR115 8 8 2ICLK 0008 7074h ICU Interrupt request register 116 IR116 8 8 2ICLK 0008 7075h ICU Interrupt request register 117 IR117 8 8 2ICLK 0008 7076h ICU Interrupt request register 118 IR118 8 8 2ICLK 0008 7077h ICU Interrupt request register 119 IR119 8 8 2ICLK 0008 7078h ICU Interrupt request register 120 IR120 8 8 2ICLK 0008 7079h ICU Interrupt request register 121 IR121 8 8 2ICLK 0008 707Ah ICU Interrupt request register 122 IR122 8 8 2ICLK 0008 707Bh ICU Interrupt request register 123 IR123 8 8 2ICLK 0008 707Ch ICU Interrupt request register 124 IR124 8 8 2ICLK 0008 707Dh ICU Interrupt request register 125 IR125 8 8 2ICLK 0008 707Eh ICU Interrupt request register 126 IR126 8 8 2ICLK 0008 707Fh ICU Interrupt request register 127 IR127 8 8 2ICLK 0008 7080h ICU Interrupt request register 128 IR128 8 8 2ICLK 0008 7081h ICU Interrupt request register 129 IR129 8 8 2ICLK 0008 7082h ICU Interrupt request register 130 IR130 8 8 2ICLK 0008 7083h ICU Interrupt request register 131 IR131 8 8 2ICLK 0008 7084h ICU Interrupt request register 132 IR132 8 8 2ICLK 0008 7085h ICU Interrupt request register 133 IR133 8 8 2ICLK 0008 7086h ICU Interrupt request register 134 IR134 8 8 2ICLK 0008 7087h ICU Interrupt request register 135 IR135 8 8 2ICLK 0008 7088h ICU Interrupt request register 136 IR136 8 8 2ICLK 0008 7089h ICU Interrupt request register 137 IR137 8 8 2ICLK 0008 708Ah ICU Interrupt request register 138 IR138 8 8 2ICLK 0008 708Bh ICU Interrupt request register 139 IR139 8 8 2ICLK 0008 708Ch ICU Interrupt request register 140 IR140 8 8 2ICLK 0008 708Dh ICU Interrupt request register 141 IR141 8 8 2ICLK 0008 708Eh ICU Interrupt request register 142 IR142 8 8 2ICLK 0008 708Fh ICU Interrupt request register 143 IR143 8 8 2ICLK 0008 7090h ICU Interrupt request register 144 IR144 8 8 2ICLK 0008 7091h ICU Interrupt request register 145 IR145 8 8 2ICLK 0008 7092h ICU Interrupt request register 146 IR146 8 8 2ICLK 0008 7095h ICU Interrupt request register 149 IR149 8 8 2ICLK 0008 7096h ICU Interrupt request register 150 IR150 8 8 2ICLK 0008 7097h ICU Interrupt request register 151 IR151 8 8 2ICLK 0008 7098h ICU Interrupt request register 152 IR152 8 8 2ICLK Table 4.1 List of I/O Registers (Address Order) (2 / 23) Address Module Abbreviation Register Name Register Abbreviation Number of Bits Access Size Number of Access Cycles |