| Moteur de recherche de fiches techniques de composants électroniques |
|
CP42B-RKS Fiches technique(PDF) 1 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
CP42B-RKS Fiches technique(HTML) 1 Page - Cree, Inc |
|
1 / 8 page ![]() 1 Subject to change without notice. www.cree.com/ledlamps APPLICATIONS • Channel Letter • Amusement Cree® P4 LED CP42B-RKS/AKS Data Sheet This revolutionary package design allows the lighting designer to reduce the number of LEDs required and provide a more uniform and unique illuminated appearance than with other LED solutions. This is possible through the efficient optical package design and high current capabilities. The low profile package can be easily coupled with reflectors or lenses to efficiently distribute light and provide the desired lit appearance. This product family employs green and blue LED materials, which allow designers to match the color of many lighting applications like vehicle signal lamps and amusement lighting. FEATURES • Size (mm): 7.6 x 7.6 • Color and Typical Dominant Wavelength (nm): Red (624) Amber (591) • Luminous Flux (mlm) Red (4400 - 11000) Amber (5500 - 13200) • Lead-Free • RoHS Compliant |
Numéro de pièce similaire - CP42B-RKS_2 |
|
Description similaire - CP42B-RKS_2 |