| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMK-RJS-CR0U0BB1 Fiches technique(PDF) 1 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMK-RJS-CR0U0BB1 Fiches technique(HTML) 1 Page - Cree, Inc |
|
1 / 9 page ![]() 1 Subject to change without notice. www.cree.com/ledlamps FEATURES • Size (mm): 4 • Color and Typical Dominant Wavelength (nm): » Red (621) » Green (527) » Blue (470) • Luminous Intensity (mcd) » C4SMK - Red (550-2130) Green (1100-4180) Blue (390-1520) » C4SMJ - Red (390-1520) • Lead-Free • RoHS-Compliant APPLICATIONS • Electronic Signs & Signals (ESS) • Full-Color Video Screen • Motorway Signs • Variable-Message Sign (VMS) • Advertising Signs • Petrol Signs Cree® Screen Master® 4-mm Oval LED C4SMK-RJS/GJS/BJS C4SMJ-RJS Data Sheet This oval LED is specifically designed for full color video screens, variable- message signs and passenger-information signs. The oval-shaped radiation pattern and high luminous intensity ensure that these devices are excellent for wide-field-of-view outdoor applications where a wide viewing angle and readability in sunlight are essential Theselampsaremadewithanadvancedoptical-gradeepoxythatofferssuperior high-temperatureandhigh-moisture-resistanceperformanceinoutdoorsignal and sign applications. The encapsulation resin contains anti-UV material in order toreducetheeffectsoflong-termexposuretodirectsunlight. |
Numéro de pièce similaire - C4SMK-RJS-CR0U0BB1 |
|
Description similaire - C4SMK-RJS-CR0U0BB1 |