| Moteur de recherche de fiches techniques de composants électroniques |
|
IXFN360N10T Fiches technique(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXFN360N10T Fiches technique(HTML) 2 Page - IXYS Corporation |
|
2 / 6 page ![]() IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions. IXFN360N10T IXYS MOSFETs and IGBTs are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 B1 6,683,344 6,727,585 7,005,734 B2 7,157,338B2 by one or more of the following U.S. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 B1 6,534,343 6,710,405 B2 6,759,692 7,063,975 B2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 B1 6,583,505 6,710,463 6,771,478 B2 7,071,537 Note 1. Pulse test, t ≤ 300μs, duty cycle, d ≤ 2%. SOT-227B (IXFN) Outline (M4 screws (4x) supplied) Symbol Test Conditions Characteristic Values (T J = 25°C, Unless Otherwise Specified) Min. Typ. Max. g fs V DS = 10V, ID = 60A, Note 1 110 180 S C iss 33 nF C oss V GS = 0V, VDS = 25V, f = 1MHz 3160 pF C rss 400 pF R Gi Gate Input Resistance 1.20 Ω t d(on) 47 ns t r 100 ns t d(off) 80 ns t f 160 ns Q g(on) 525 nC Q gs V GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25 145 nC Q gd 165 nC R thJC 0.18 °C/W R thCS 0.05 °C/W Source-Drain Diode Symbol Test Conditions Characteristic Values (T J = 25°C, Unless Otherwise Specified) Min. Typ. Max. I S V GS = 0V 360 A I SM Repetitive, Pulse Width Limited by T JM 1440 A V SD I F = 100A, VGS = 0V, Note 1 1.2 V t rr 130 ns I RM 6.60 A Q RM 0.33 μC I F = 100A, VGS = 0V -di/dt = 100A/ μs V R = 50V Resistive Switching Times V GS = 10V, VDS = 0.5 • VDSS, ID = 100A R G = 1Ω (External) |