Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXFL38N100P Fiches technique(PDF) 1 Page - IXYS Corporation

No de pièce IXFL38N100P
Description  Polar Power MOSFET HiPerFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFL38N100P Fiches technique(HTML) 1 Page - IXYS Corporation

  IXFL38N100P Datasheet HTML 1Page - IXYS Corporation IXFL38N100P Datasheet HTML 2Page - IXYS Corporation IXFL38N100P Datasheet HTML 3Page - IXYS Corporation IXFL38N100P Datasheet HTML 4Page - IXYS Corporation IXFL38N100P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
DS99755B(7/09)
V
DSS
= 1000V
I
D25
= 29A
R
DS(on)
≤≤≤≤≤ 230mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 300ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1000
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C29
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
120
A
I
A
T
C = 25°C19
A
E
AS
T
C = 25°C2
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
15
V/ns
P
D
T
C = 25°C
520
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
V
ISOL
50/60 Hz, RMS, 1 minute
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
F
C
Mounting Force
40..120/4.5..27
N/lb.
Weight
8g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
1000
V
V
GS(th)
V
DS = VGS, ID = 1mA
3.5
6.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 300 nA
I
DSS
V
DS = VDSS , VGS = 0V
50
μA
T
J = 125°C
4 mA
R
DS(on)
V
GS = 10V, ID = 19A, Note 1
230 m
Ω
IXFL38N100P
PolarTM Power MOSFET
HiPerFETTM
( Electrically Isolated Tab)
Features
Silicon Chip on Direct-Copper-Bond
Substrate
- High Power Dissipation
- Isolated Mounting Surface
- 2500V Electrical Isolation
International Standard Packages
miniBLOC, with Aluminium Nitride
Isolation
Low Drain to Tab Capacitance(<30pF)
Rugged Polysilicon Gate Cell
Structure
Avalanche Rated
Fast Intrinsic Diode
Advantages
Easy Assembly
Space Savings
High Power Density
Applications
Switched-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
Preliminary Technical Information
ISOPLUS i5-PakTM (HV)
G = Gate
D = Drain
S = Source
G
S
D
ISOLATED TAB


Numéro de pièce similaire - IXFL38N100P

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXFL38N100Q2 IXYS-IXFL38N100Q2 Datasheet
140Kb / 4P
HiPerFET Power MOSFET Q2-Class
More results

Description similaire - IXFL38N100P

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFH24N90P IXYS-IXFH24N90P Datasheet
128Kb / 4P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
Polar HiperFET Power MOSFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com