| Moteur de recherche de fiches techniques de composants électroniques |
|
VCMG1104LS Fiches technique(PDF) 14 Page - STANLEY ELECTRIC CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
VCMG1104LS Fiches technique(HTML) 14 Page - STANLEY ELECTRIC CO.,LTD. |
|
14 / 16 page ![]() 2010.12.15 Page 14 1104LS Series (High Reliability type, V-Series) Single Color PLCC-2 Type Reflow Soldering Conditions 1) The above profile temperature gives the maximum temperature of the LED resin surface. Please set the temperature so as to avoid exceeding this range. 2) Total times of reflow soldering process shall be no more than 2 times. When the second reflow soldering process is performed, intervals between the first and second reflow should be short as possible (while allowing some time for the component to return to room temperature after the first reflow) in order to prevent the LED resin from absorbing moisture. 3) Temperature fluctuation to the LED during the pre-heating process shall be minimized. Manual Soldering Conditions Iron tip temp. Soldering time and frequency 3 s 1 time 350 (MAX.) (MAX.) (MAX.) |