Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXFH36N55Q2 Fiches technique(PDF) 2 Page - IXYS Corporation

No de pièce IXFH36N55Q2
Description  HiPerFET Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH36N55Q2 Fiches technique(HTML) 2 Page - IXYS Corporation

  IXFH36N55Q2 Datasheet HTML 1Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 2Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 3Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 4Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS = 10 V; ID = 0.5 • ID25, pulse test
15
26
S
C
iss
4100
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
660
pF
C
rss
160
pF
t
d(on)
17
ns
t
r
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
13
ns
t
d(off)
R
G = 2 Ω (External),
42
ns
t
f
8ns
Q
g(on)
110
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
23
nC
Q
gd
52
nC
R
thJC
0.22
K/W
R
thCK
0.25
K/W
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205
0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232
0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
Terminals:
1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3
TO-247 AD (IXFH) Outline
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
36
A
I
SM
Repetitive; pulse width limited by T
JM
144
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
250
ns
Q
RM
1
µC
I
RM
9
A
I
F = 25A -di/dt = 100 A/µs, VR = 100 V
IXFH36N55Q2
IXYS MOSFETs and IGBTs are covered by one or more
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
6,404,065B1 6,162,665
6,534,343
6,583,505
of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
6,259,123B1 6,306,728B1 6,683,344



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com