| Moteur de recherche de fiches techniques de composants électroniques |
|
L5201L-AD-SM1-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
L5201L-AD-SM1-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 7 page ![]() L5201 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 7 www.unisonic.com.tw QW-R502-107,A MARKING (For SOT-26/TSOT-26) 54 3 Voltage Code 2 1 L F 6 Lead Plating PIN CONFIGURATIONS 3 2 1 4 5 6 4 3 2 1 5 6 7 8 MSOP-8 VOUT FB SHDN SGND PGND VIN C + SOT-26/TSOT-26 C+ VIN C - C - VOUT GND SHDN UTC L5201-ADJ UTC L5201-XX (Fixed) PIN DESCRIPTION PIN NO. L5201-ADJ L5201-xx MSOP-8 SOT-26/TSOT-26 PIN NAME FUNCTION 1 6 C+ Flying Capacitor Positive Terminal 2 5 VIN Input Supply Voltage, should be bypassed with at least 6.8µf low ESR ceramic capacitor. 3 4 C¯ Flying Capacitor Negative Terminal 4, 5 2 GND Ground terminal, should be tied to a ground plane for best performance 6 3 SHDN Shutdown Mode, Active-Low Input. A low on SHDN disables the L5201 series. SHDN must not be allowed to float. 7 X FB Feedback Input Pin for Adjustable output. An output divider should be connected from VOUT to FB to program the output voltage. 8 1 VOUT Regulated Output Voltage, should be bypassed with at least 6.8µf low ESR ceramic capacitor as close as possible to the pin for best performance X : The pin is Inexistent for SOT-26 and TSOT-26 package. |