| Moteur de recherche de fiches techniques de composants électroniques |
|
K1109-X-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
K1109-X-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD K1109 N-CHANNEL JFET www.unisonic.com.tw 1 of 3 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R206-009.Ga N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE DESCRIPTION The UTC K1109 is N-channel JFET for electrets condenser microphone. FEATURES * High GM Implies Low Transfer loss * Built-In Gate-Source Diode and Resistor Implies Fast Power on Settling Time ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Halogen Free Package 1 2 3 Packing K1109-x-AC3-R K1109L-x-AC3-R K1109G-x-AC3-R SOT-113 S D G Tape Reel K1109-x-AE3-R K1109L-x-AE3-R K1109G-x-AE3-R SOT-23 S D G Tape Reel K1109L-x-AC3-R (1)Packing Type (2)Package Type (4)Lead Plating (1) R: Tape Reel (2) AC3: SOT-113, AE3: SOT-23 (4) G: Halogen Free, L: Lead Free, Blank: Pb/Sn (3)Rank (3) x: refer to CLASSIFICATION OF IDSS MARKING |
Numéro de pièce similaire - K1109-X-AE3-R |
|
Description similaire - K1109-X-AE3-R |