| Moteur de recherche de fiches techniques de composants électroniques |
|
BU941-TQ2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BU941-TQ2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD BU941 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 5 Copyright © 2007 Unisonic Technologies Co., Ltd QW-R203-025,B NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER FEATURES * NPN Darlington * Integrated antiparallel collector-emitter diode APPLICATIONS * High ruggedness electric ignitions INTERNAL SCHEMATIC DIAGRAM C B (3) (1) (2) E *Pb-free plating product number: BU941L ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing BU941-T3P-T BU941L-T3P-T TO-3P B C E Tube BU941-TA3-T BU941L-TA3-T TO-220 B C E Tube BU941-TQ2-R BU941L-TQ2-R TO-263 B C E Tape Reel BU941-TQ2-T BU941L-TQ2-T TO-263 B C E Tube |
Numéro de pièce similaire - BU941-TQ2-R |
|
Description similaire - BU941-TQ2-R |