| Moteur de recherche de fiches techniques de composants électroniques |
|
BC858L-X-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BC858L-X-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD BC856/BC857/BC858 PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-028,E SWITCHING AND AMPLIFIER APPLICATIONS FEATURES *Suitable for automatic insertion in thick and thin-film circuits *Complement to BC846/BC847/BC848 ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Halogen Free Package 1 2 3 Packing BC856-x-AE3-R BC856L-x-AE3-R BC856G-x-AE3-R SOT-23 E B C Tape Reel BC857-x-AE3-R BC857L-x-AE3-R BC857G-x-AE3-R SOT-23 E B C Tape Reel BC858-x-AE3-R BC858L-x-AE3-R BC858G-x-AE3-R SOT-23 E B C Tape Reel BC856-x-AL3-R BC856L-x-AL3-R BC856G-x-AL3-R SOT-323 E B C Tape Reel BC857-x-AL3-R BC857L-x-AL3-R BC857G-x-AL3-R SOT-323 E B C Tape Reel BC858-x-AL3-R BC858L-x-AL3-R BC858G-x-AL3-R SOT-323 E B C Tape Reel MARKING(SOT-23/SOT-323) BC856 BC857 BC858 X: Rank Code, refer to Classification of hFE □: L: Lead Free, G: Halogen Free |
Numéro de pièce similaire - BC858L-X-AL3-R |
|
Description similaire - BC858L-X-AL3-R |