| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54G-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAT54G-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAT54x DIODE www.unisonic.com.tw 1 of 4 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R601-007,F SCHOTTKY BARRIER (DUAL) DIODES DESCRIPTION Planar Schottky barrier diodes encapsulated in the SOT-23, SOT-323 and SOD-323 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available. FEATURES * Low forward voltage * Guard ring protected * Small plastic SMD package ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing BAT54L-AE3-R BAT54G-AE3-R SOT-23 x A K Tape Reel BAT54AL-AE3-R BAT54AG-AE3-R SOT-23 K1 K2 A2A1 Tape Reel BAT54CL-AE3-R BAT54CG-AE3-R SOT-23 A1 A2 K2K1 Tape Reel BAT54SL-AE3-R BAT54SG-AE3-R SOT-23 K1 A2 K2A1 Tape Reel BAT54L-CB2-R BAT54G-CB2-R SOD-323 A K - Tape Reel BAT54L-AL3-R BAT54G-AL3-R SOT-323 x A K Tape Reel BAT54AL-AL3-R BAT54AG-AL3-R SOT-323 K1 K2 A2A1 Tape Reel BAT54CL-AL3-R BAT54CG-AL3-R SOT-323 A1 A2 K2K1 Tape Reel BAT54SL-AL3-R BAT54SG-AL3-R SOT-323 K1 A2 K2A1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode x:NC |
Numéro de pièce similaire - BAT54G-AL3-R |
|
Description similaire - BAT54G-AL3-R |