| Moteur de recherche de fiches techniques de composants électroniques |
|
3513FL-S16-R Fiches technique(PDF) 8 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
3513FL-S16-R Fiches technique(HTML) 8 Page - Unisonic Technologies |
|
8 / 12 page ![]() 3513 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 8 of 12 www.unisonic.com.tw QW-R502-129.A ELECTRICAL CHARACTERISTICS (Cont.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Stop Voltage (FC) 0.55 0.65 0.75 V PWM High Level Output Voltage VOH @ ISOURCE=4.5mA V12A-0.4 V Low Level Output Voltage VOL @ ISINK=4.5mA 0.4 V Output Leakage Current ILEAK 5 µA PWM Frequency fPWM 28 35 42 KHz SWITCHING CHARACTERISTICS PSONB ON(PSONB Low to FPOB Low) T(PSONB ON) @ VDD=5V 32 38 62 ms PSONB OFF(PSONB Hi to PGO Low) T(PSONB OFF) @ VDD=5V 32 38 62 ms PGI to PGO Delay Time TPG @ VDD=5V 200 300 490 ms Timing PGO Low to FPO high TPSOFF @ VDD=5V 2.0 2.4 4 ms TUVP1 @ FPOB=Low & PGI > 1.2V 65 75 122 ms UVD/OCD turn on delay Time TUVP2 @ FPOB=Low & PGI < 1.2V 260 300 488 ms Noise Deglitch Time tg1 63 75 120 µs Noise Deglitch Time for Latch tg2 63 75 120 µs TOTAL DEVICE Low Voltage VDD 3.6 V Supply Current IDD @ PSONB=5V 1 mA |